PART |
Description |
Maker |
BR28 BR210 BR24A BR220 BR26 |
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Shenzhen Taychipst Electronic Co., Ltd Shenzhen Taychipst Electron... Shenzhen Taychipst Elec...
|
SR33 SR32 SR35 SR38 SR36 SR39 SR34 |
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)
|
Pan Jit International Inc.
|
SD530YT SD550YT SD5100YT SD5100 SD560YT SD580YT SD |
(SD520YT - SD5100YT) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压2000伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. Won-Top Electronics Co., Ltd.
|
MMA0204-501VGO3B03.01 MMA0204-501VGO3B09.09 MMA020 |
RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 3.01 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 9.09 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 6.04 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 56.2 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 63.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 8.06 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 39.2 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 39200 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 392000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 0.1 %, 15 ppm, 76.8 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 392 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 2.61 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 95300 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 25.5 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 2.21 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 95.3 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 1.21 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 5230 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 1.96 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 5110 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 10.2 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 10.5 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 10.7 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 2.32 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 10 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 953 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 75 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 3.83 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 953000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 78.7 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 3.24 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 4.12 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 7.87 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 29.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 0.1 %, 15 ppm, 78.7 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 27.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 1.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 17.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 3.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 37.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 46.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 12.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1270 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 0.1 %, 15 ppm, 86.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 0.1 %, 15 ppm, 80.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1130000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1240 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1020 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 22.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1050 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1070 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 60.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 32.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 15.4 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1100 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 4.75 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1070000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1150 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1210 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1210000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 1.24 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 4.64 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 19.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1180 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 57.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 0.1 %, 15 ppm, 97.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1150000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1180000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1100000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1130 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 53.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 6.65 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1050000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 1020000 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.25 W, 1 %, 50 ppm, 31.6 ohm, SURFACE MOUNT MELF, GREEN RESISTOR, THIN FILM, 0.2 W, 1 %, 50 ppm, 165000 ohm, SURFACE MOUNT MELF, GREEN
|
Vishay Intertechnology, Inc.
|
SX36 SX34 SX32 SX39 SX33 SX35 SX38 SX37 |
(SX32 - SX39) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes 表面贴装肖特基整流电090伏特电流.0安培
|
List of Unclassifed Manufac... List of Unclassifed Manufacturers PANJIT[Pan Jit International Inc.] ETC[ETC] Electronic Theatre Controls, Inc. PanJit International Inc.
|
AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 |
8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC
|
Hitachi,Ltd. Sanyo Denki Co., Ltd. ZF Electronics, Corp.
|
2450AT42E0100 2450AT42E0100E |
2.4 GHz Surface Mount 2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna This antenna must have metal directly underneath on bottom layer in order to function
|
Johanson Technology Inc...
|
T-1453 |
Mini Surface Mount Transformer
|
Rhombus Industries Inc.
|
CBXC4IW-A CBXD6IW-AY CBX12IW-AY CBX1IW-A CBX2IW-AY |
Mini-Com? Surface Mount Boxes
|
PANDUIT CORP.
|
SM360AF SM3100AF SM3200AF SM340AF SM320AF-15 |
20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers 3.0 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
MPF-XX-V-T-L |
MINI FLEX FEMALE SURFACE MOUNT
|
Adam Technologies, Inc.
|
|